rev: 2 .0 created on: february 7 , 201 4 created by: mks approved by: bp page | 1 wpant1 00 45 - c 1a 850 / 1900 mhz cellular & 2.4 ghz wi - fi embedded antenna description / application this tri - band antenna has a very thin & sleek profile , and can easily be installed inside any wireless device. good efficiency and ease of integration make this an ideal choice for applications where space is a constraint . this antenna works very efficiently on any non- metallic surface . we can assist your engineers to optimize mounting positions for these antennas in your specific application and can further assist to trouble shoot system integration issues such as trp/tis and fcc requirements. we specialize in developing customized antenna solutions. pleas e contact sales@worldproducts.com with your specific application requirements. electrical properties operating frequency 824 ? 894 mhz 1850 ? 1990 m hz 2.4 ? 2.5 g hz approximate antenna impedance [ ? ] 50? 50? 50? vswr ? typical < 2 :1 < 2 :1 < 2 :1 peak gain [dbi] (typical) ~ 0.5 dbi 1 to 2 dbi 1 to 2 dbi efficiency [%] (typical) 50 ? 6 0 % 5 5 ? 6 0 % 55 ? 60 % polarization linear linear linear pattern near omni - d irectional near omni - d irectional near omni - d irectional mechanical / environmental properties antenna dimensions 3.3?? x 0.4?? x 62mils (84.6 mm x 10.2 mm x 1.6mm ) antenna color navy blue cable 2.24?? long 1.13mm od micro co - ax / u.fl covered with heat shrink tubing connector ipx / hirose equivalent tape 0.13mm thick 3m 9469 double stick operating / storage temperature -40 o c to +90 o c environmental meets standards for ul 94v -0 hazardous materials rohs compliant
rev: 2 .0 created on: february 7 , 201 4 created by: mks approved by: bp page | 2 picture s of the antenna front side back side
|